Part Number Hot Search : 
TBP04G NTMFS493 AMP2009 CS422202 TSC302 CD4047 SB180 SR6B6K09
Product Description
Full Text Search
 

To Download A914BY-XXXM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
10 D52LC Fixed Inductors for Surface Mounting
TYPE
Meeting Your Needs
TYPE D52LC
Frequency Range: 0.1 - 1MHz Inductance Range: 1.2 - 100H
* : D52LC: 2.0max. / D53LC: 3.0max.
Features
* * * * Low profile (2.0mm max.) Magnetically shielded Available on tape and reel for auto-insertion Suitable for reflow soldering
Unit: mm
Recommended patterns:
Unit: mm
STANDARD PARTS SELECTION GUIDE
(1) Inductance is measured by LCR-meter 4284A (HP) or equivalent. (2) DC Resistance is measured by Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 20C).
TYPE D52LC
TOKO Part Number A914BYW-1R2M=P3 A914BYW-2R2M=P3 A914BYW-3R5M=P3 A914BYW-4R7M=P3 A914BYW-6R8M=P3 A914BYW-100M=P3 A914BYW-150M=P3 A914BYW-220M=P3 A914BYW-330M=P3 A914BYW-470M=P3 A914BYW-680M=P3 A914BY-101M=P3 Lo (H) 1.2 2.2 3.5 4.7 6.8 10 15 22 33 47 68 100 Inductance Test Freq. Tolerance (kHz) % 100 20 20 20 20 20 20 20 20 20 20 20 20 100 100 100 100 100 100 100 100 100 100 100 DC Resistance Spec ( m ) max. 44 59 73 87 105 150 210 275 455 730 935 1500 Rated DC Current (3) L/L=30% T=40C ( A ) max. ( A ) max. 2.15 2.29 1.63 1.34 1.14 0.95 0.76 0.63 0.56 0.44 0.36 0.30 0.23 1.64 1.45 1.22 1.10 0.87 0.72 0.66 0.48 0.35 0.33 0.24
Note: =P3 is added to each part number to indicate tape and reel packaging.
www..com
Please read PRECAUTIONS and NOTES sections of this catalog for safe operation. This catalog contains consumer grade specifications only. Detailed technical specifications are available upon request.
1.800.PIK.TOKO
www.tokoam.com
1.847.297.0070
R-LOG0102A


▲Up To Search▲   

 
Price & Availability of A914BY-XXXM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X